|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOC8111/MOC8112 Vishay Semiconductors Optocoupler, Phototransistor Output, No Base Connection FEATURES A C NC 1 2 3 6B 5C 4E * No base terminal connection for improved common mode interface immunity * Long term stability * Industry standard dual in line package * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC i179009 DESCRIPTION The MOC8111/ MOC8112 is an optocoupler consisting of a gallium arsenide infrared emitting diode optically coupled to a silicon planar phototransistor detector in a plastic plug-in DIP 6 pin package. The coupling device is suitable for signal transmission between two electrically separated circuits. The potential difference between the circuits to be coupled should not exceed the maximum permissible reference voltages. In contrast to the IL1, the base terminal is not connected, resulting in substantially improved common mode interference immunity. AGENCY APPROVALS * UL1577, file no. E52744 system code H or J, double protection * BSI IEC 60950; IEC 60065 * DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending available with option 1 * CSA 93751 ORDER INFORMATION PART MOC8111 MOC8112 MOC8111-X006 MOC8111-X007 MOC8112-X006 MOC8112-X007 MOC8112-X009 Note For additional information on the available options refer to option information. REMARKS CTR > 20 %, DIP-6 CTR > 50 %, DIP-6 CTR > 20 %, DIP-6 400 mil (option 6) CTR > 20 %, SMD-6 (option 7) CTR > 50 %, DIP-6 400 mil (option 6) CTR > 50 %, SMD-6 (option 7) CTR > 50 %, SMD-6 (option 9) ABSOLUTE MAXIMUM RATINGS (1) PARAMETER INPUT DC forward current Reverse voltage Surge forward current Total power dissipation OUTPUT Emitter collector breakdown voltage Collector current Total power dissipation t 10 s BVECO IC IC Pdiss 30 50 150 150 V mA mA mW t 10 s IF VR IFSM Pdiss 60 6.0 2.5 100 mA V A mW TEST CONDITION SYMBOL VALUE UNIT Document Number: 83661 Rev. 1.5, 11-Jan-08 For technical questions, contact: optocoupler.answers@vishay.com www.vishay.com 1 MOC8111/MOC8112 Vishay Semiconductors Optocoupler, Phototransistor Output, No Base Connection ABSOLUTE MAXIMUM RATINGS (1) PARAMETER COUPLER Isolation test voltage between emitter and detector refer to standard climate 23/50 DIN 50014 Creepage distance Clearance distance Isolation thickness between emitter and detector Comparative tracking index per DIN IEC 112/VDE 0303, part 1 Isolation resistance Storage temperature range Ambient temperature range Soldering temperature (2) TEST CONDITION SYMBOL VALUE UNIT VISO 5300 7 7 4 VRMS mm mm mm CTI VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C RIO RIO Tstg Tamb max. 10 s, dip soldering distance to seating plane 1.5 mm Tsld 175 1012 1011 - 55 to + 150 - 55 to + 100 260 C C C Notes (1) T amb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability. (2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through hole devices (DIP). ELECTRICAL CHARACTERISTICS PARAMETER INPUT Forward voltage Reverse leakage current Junction capacitance OUTPUT Collector emitter breakdown voltage Collector emitter leakage current Emitter collector breakdown voltage Collector emitter capacitance COUPLER Collector saturation voltage IC = 500 A, IF = 10 mA VCEsat 0.15 0.4 V Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements. IC = 1.0 A VCE = 10 V IE = 10 A VCE = 0 V, f = 1.0 MHz BVCEO ICEO BVECO CCE 7.0 7.0 30 1.0 50 V nA V pF IF = 10 mA VR = 6.0 V V = 0 V, f = 1.0 MHz VF IR Cj 1.15 0.05 25 1.5 10 V A pF TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT CURRENT TRANSFER RATIO PARAMETER Current transfer ratio TEST CONDITION IF = 10 mA, VCE = 10 V PART MOC8111 MOC8112 SYMBOL CTR CTR MIN. 20 50 TYP. MAX. UNIT % % SWITCHING CHARACTERISTICS PARAMETER Turn-on time Turn-off time TEST CONDITION VCC = 10 V, RL = 100 IC = 2.0 mA, see figure 1 VCC = 10 V, RL = 100 IC = 2.0 mA, see figure 1 SYMBOL ton toff MIN. TYP. 7.5 5.7 MAX. 20 20 UNIT s s www.vishay.com 2 For technical questions, contact: optocoupler.answers@vishay.com Document Number: 83661 Rev. 1.5, 11-Jan-08 MOC8111/MOC8112 Optocoupler, Phototransistor Output, Vishay Semiconductors No Base Connection VCC = 10 V Input pulse IC R L =100 Vout 10 % Input 90 % Input current adjusted to achieve I C = 2mA tr ton Waveforms tf toff Output pulse Test Circuit iMOC8111_01 Fig. 1 - Switching Times PACKAGE DIMENSIONS in inches (millimeters) 3 2 1 Pin one ID 0.248 (6.30) 0.256 (6.50) 4 5 6 ISO method A 0.335 (8.50) 0.343 (8.70) 0.039 (1.00) min. 0.048 (0.45) 0.300 (7.62) typ. 0.022 (0.55) 0.130 (3.30) 0.150 (3.81) 4 typ. 0.031 (0.80) min. 0.031 (0.80) 0.018 (0.45) 0.022 (0.55) 0.100 (2.54) typ. i178004 18 0.114 (2.90) 0.130 (3.0) 3 to 9 0.010 (0.25) typ. 0.300 to 0.347 (7.62 to 8.81) 0.035 (0.90) Option 6 0.407 (10.36) 0.391 (9.96) 0.307 (7.8) 0.291 (7.4) 0.028 (0.7) min. Option 7 0.300 (7.62) typ. Option 9 0.375 (9.53) 0.395 (10.03 ) 0.300 (7.62) ref. 0.180 (4.6) 0.160 (4.1) 0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51 ) 0.040 (1.02 ) 0.315 (8.00) min. 18450 0.315 (8.0) min. 0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92) 0.331 (8.4) min. 0.406 (10.3) max. 0.012 (0.30 ) typ. 15 max. Document Number: 83661 Rev. 1.5, 11-Jan-08 For technical questions, contact: optocoupler.answers@vishay.com www.vishay.com 3 MOC8111/MOC8112 Vishay Semiconductors Optocoupler, Phototransistor Output, No Base Connection OZONE DEPLETING SUBSTANCES POLICY STATEMENT It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany www.vishay.com 4 For technical questions, contact: optocoupler.answers@vishay.com Document Number: 83661 Rev. 1.5, 11-Jan-08 Legal Disclaimer Notice Vishay Notice Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale. Document Number: 91000 Revision: 08-Apr-05 www.vishay.com 1 |
Price & Availability of MOC8111 |